Part Number Hot Search : 
TM32F103 7E375 1018068 RD10ES IRFP4710 02111 MB152 25256XE
Product Description
Full Text Search
 

To Download KBU25005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBU 10A/15A/25A/35A SERIES
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
CHENG- YI
ELECTRONIC
REVERSE VOLTAGE -50 to 1000 Volts FORWARD CURRENT -10/15/25/35 Amperes
FEATURES
Surge overload rating - 220~400 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique Plastic material has Underwriters Laboratory Flammability classification 94V-O Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Resistive or inductive load, 60 Hz. For capacitive load, derate current by 20%.
KBU
10005
KBU
1001 1501 2501 3501 100 70 100
KBU
1002 1502 2502 3502 200 140 200
KBU
1004 1504 2504 3504 400 280 400 15.0 3.2 220 240 300 400
1.05
KBU
1006 1506 2506 3506 600 420 600
KBU
1008 1508 2508 3508 800 560 800
KBU
1010 1510 2510 3510 1000 700 1000
V
CHARACTERISTICS
SYMBOL
15005 25005 35005
UNITS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 C (without heatsink)
0
VRRM VRMS VDC I(AV)
50 35 50
V
V A
Peak Forward Surge Current 8.3 ms single half sine-wave super imposed on rated load (JEDEC Method) Maximum Forward Voltage at 7.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2 t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
@ TJ=250C @ TJ=1250C
10A 15A 25A 35A
IFSM VF IR I2 t CJ R JC TJ TSTG
A
V A A2S
PF
0
10 500
240 60 0.8
C/W
0
-55 to +150 -55 to +150
C C
0
NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. Device mounted on 100mm x 100mm X 1.6mm Cu Plate Heatsink.
KBU 10A/15A/25A/35A SERIES
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
RATING AND CHARACTERISTICS CURVES KBU 10A/15A/25A/35A SERIES
CHENG- YI
ELECTRONIC
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
300 250 200
AVERAGE FORWARD OUTPUT CURRENT AMPERES
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED CURRENT
40 KBU 35 30 KBU 25 20 KBU 15 10 KBU 10 0 50 100
0
KBU 15/25/35
150
100
KBU 10
50
0 1 10 100
150
NUMBER OF CYCLES AT 60Hz
TEMPERATURE, C
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
100
KBU 35
KBU 15 KBU 25 KBU 10 10
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
TJ=25oC
0.1
0.1
0.01 0
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of KBU25005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X